Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 204 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 204 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 200Page - Integrated Device Technology STAC9271 Datasheet HTML 201Page - Integrated Device Technology STAC9271 Datasheet HTML 202Page - Integrated Device Technology STAC9271 Datasheet HTML 203Page - Integrated Device Technology STAC9271 Datasheet HTML 204Page - Integrated Device Technology STAC9271 Datasheet HTML 205Page - Integrated Device Technology STAC9271 Datasheet HTML 206Page - Integrated Device Technology STAC9271 Datasheet HTML 207Page - Integrated Device Technology STAC9271 Datasheet HTML 208Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
204
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.35.5. ADC0Mux LR
6.35.6. ADC0Mux OutAmpCap
Table 519. ADC0Mux ConLstEntry
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x00
No connection
[23.:16]
ConL2
R
0x14= Enabled
0x00= Disabled
DMic1 pin widget
[15.:8]
ConL1
R
0x13= Enabled
0x00= Disabled
DMic0 pin widget
[7.:0]
ConL0
R
0x18
InPort0Vol widget
Table 520. ADC0Mux LR
Command Verb Format
Verb ID
Payload
Response
Get
F0C
00
See bitfield table.
Set1
70C
See bits [7:0] of bitfield table.
0000_0000h
Table 521. ADC0Mux LR
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:3]
Rsvd2
R
0x0
Reserved
[2]
SwapEn
RW
0x0
1= swap left and right channels of this Widget.
[1.:0]
Rsvd1
R
0x0
Reserved
Table 522. ADC0Mux OutAmpCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com