Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 203 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 203 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 199Page - Integrated Device Technology STAC9271 Datasheet HTML 200Page - Integrated Device Technology STAC9271 Datasheet HTML 201Page - Integrated Device Technology STAC9271 Datasheet HTML 202Page - Integrated Device Technology STAC9271 Datasheet HTML 203Page - Integrated Device Technology STAC9271 Datasheet HTML 204Page - Integrated Device Technology STAC9271 Datasheet HTML 205Page - Integrated Device Technology STAC9271 Datasheet HTML 206Page - Integrated Device Technology STAC9271 Datasheet HTML 207Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
203
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.35.2. ADC0Mux ConLst
6.35.3. ADC0Mux ConSelectCtrl
6.35.4. ADC0Mux ConLstEntry
Table 514. ADC0Mux ConLst
Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table.
Table 515. ADC0Mux ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6.:0]
ConL
R
0x03= Enabled
0x01= Disabled
Number of NID entries in connection list.
Table 516. ADC0Mux ConSelectCtrl
Command Verb Format
Verb ID
Payload
Response
Get
F01
00
See bitfield table.
Set1
701
See bits [7:0] of bitfield table.
0000_0000h
Table 517. ADC0Mux ConSelectCtrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:2]
Rsvd
R
0x0
Reserved
[1.:0]
Index
RW
0x0
Connection select control index.
Table 518. ADC0Mux ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com