Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 208 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 208 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 204Page - Integrated Device Technology STAC9271 Datasheet HTML 205Page - Integrated Device Technology STAC9271 Datasheet HTML 206Page - Integrated Device Technology STAC9271 Datasheet HTML 207Page - Integrated Device Technology STAC9271 Datasheet HTML 208Page - Integrated Device Technology STAC9271 Datasheet HTML 209Page - Integrated Device Technology STAC9271 Datasheet HTML 210Page - Integrated Device Technology STAC9271 Datasheet HTML 211Page - Integrated Device Technology STAC9271 Datasheet HTML 212Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
208
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.36.4. ADC1Mux ConLstEntry
6.36.5. ADC1Mux LR
Table 533. ADC1Mux ConSelectCtrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:2]
Rsvd
R
0x0
Reserved
[1.:0]
Index
RW
0x0
Connection select control index.
Table 534. ADC1Mux ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 535. ADC1Mux ConLstEntry
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x00
No connection
[23.:16]
ConL2
R
0x14= Enabled
0x0= Disabled
DMic1 pin widget
[15.:8]
ConL1
R
0x13= Enabled
0x0= Disabled
DMic0 pin widget
[7.:0]
ConL0
R
0x19
InPort1Vol widget
Table 536. ADC1Mux LR
Command Verb Format
Verb ID
Payload
Response
Get
F0C
00
See bitfield table.
Set1
70C
See bits [7:0] of bitfield table.
0000_0000h
Table 537. ADC1Mux LR
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:3]
Rsvd2
R
0x0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com