Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 209 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 209 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 205Page - Integrated Device Technology STAC9271 Datasheet HTML 206Page - Integrated Device Technology STAC9271 Datasheet HTML 207Page - Integrated Device Technology STAC9271 Datasheet HTML 208Page - Integrated Device Technology STAC9271 Datasheet HTML 209Page - Integrated Device Technology STAC9271 Datasheet HTML 210Page - Integrated Device Technology STAC9271 Datasheet HTML 211Page - Integrated Device Technology STAC9271 Datasheet HTML 212Page - Integrated Device Technology STAC9271 Datasheet HTML 213Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
209
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.36.6. ADC1Mux OutAmpCap
6.36.7. ADC1Mux OutAmpRight
[2]
SwapEn
RW
0x0
1= swap left and right channels of this Widget.
[1.:0]
Rsvd1
R
0x0
Reserved
Table 538. ADC1Mux OutAmpCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table.
Table 539. ADC1Mux OutAmpCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x1
Amplifier is capable of muting
[30.:23]
Rsvd3
R
0x0
Reserved
[22.:16]
StepSize
R
0x00
Size of each step in the gain range, N/A
since there are no steps
[15]
Rsvd2
R
0x0
Reserved
[14.:8]
NumSteps
R
0x00
No steps, gain is fixed at 0dB
[7]
Rsvd1
R
0x0
Reserved
[6.:0]
Offset
R
0x00
0dB-step is programmed with this offset
Table 540. ADC1Mux OutAmpRight
Command Verb Format
Verb ID
Payload
Response
Get
B80
00
See bitfield table.
Set1
390
See bits [7:0] of bitfield table.
0000_0000h
Table 537. ADC1Mux LR
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com