Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 212 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 212 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 208Page - Integrated Device Technology STAC9271 Datasheet HTML 209Page - Integrated Device Technology STAC9271 Datasheet HTML 210Page - Integrated Device Technology STAC9271 Datasheet HTML 211Page - Integrated Device Technology STAC9271 Datasheet HTML 212Page - Integrated Device Technology STAC9271 Datasheet HTML 213Page - Integrated Device Technology STAC9271 Datasheet HTML 214Page - Integrated Device Technology STAC9271 Datasheet HTML 215Page - Integrated Device Technology STAC9271 Datasheet HTML 216Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
212
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.37.3. ADC2Mux ConSelectCtrl
6.37.4. ADC2Mux ConLstEntry
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6.:0]
ConL
R
0x03= Enabled
0x1= Disabled
Number of NID entries in connection list.
Table 548. ADC2Mux ConSelectCtrl
Command Verb Format
Verb ID
Payload
Response
Get
F01
00
See bitfield table.
Set1
701
See bits [7:0] of bitfield table.
0000_0000h
Table 549. ADC2Mux ConSelectCtrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:2]
Rsvd
R
0x0
Reserved
[1.:0]
Index
RW
0x0
Connection select control index.
Table 550. ADC2Mux ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 551. ADC2Mux ConLstEntry
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x00
No connection
[23.:16]
ConL2
R
0x14= Enabled
0x0= Disabled
DMic1 pin widget
[15.:8]
ConL1
R
0x13= Enabled
0x0= Disabled
DMic0 pin widget
[7.:0]
ConL0
R
0x1A
InPort2Vol widget
Table 547. ADC2Mux ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com