Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 213 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 213 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 209Page - Integrated Device Technology STAC9271 Datasheet HTML 210Page - Integrated Device Technology STAC9271 Datasheet HTML 211Page - Integrated Device Technology STAC9271 Datasheet HTML 212Page - Integrated Device Technology STAC9271 Datasheet HTML 213Page - Integrated Device Technology STAC9271 Datasheet HTML 214Page - Integrated Device Technology STAC9271 Datasheet HTML 215Page - Integrated Device Technology STAC9271 Datasheet HTML 216Page - Integrated Device Technology STAC9271 Datasheet HTML 217Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
213
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.37.5. ADC2Mux LR
6.37.6. ADC2Mux OutAmpCap
Table 552. ADC2Mux LR
Command Verb Format
Verb ID
Payload
Response
Get
F0C
00
See bitfield table.
Set1
70C
See bits [7:0] of bitfield table.
0000_0000h
Table 553. ADC2Mux LR
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:3]
Rsvd2
R
0x0
Reserved
[2]
SwapEn
RW
0x0
1= swap left and right channels of this
Widget.
[1.:0]
Rsvd1
R
0x0
Reserved
Table 554. ADC2Mux OutAmpCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table.
Table 555. ADC2Mux OutAmpCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x1
Amplifier is capable of muting
[30.:23]
Rsvd3
R
0x0
Reserved
[22.:16]
StepSize
R
0x00
Size of each step in the gain range, N/A
since there are no steps
[15]
Rsvd2
R
0x0
Reserved
[14.:8]
NumSteps
R
0x00
No steps, gain is fixed at 0dB
[7]
Rsvd1
R
0x0
Reserved
[6.:0]
Offset
R
0x00
0dB-step is programmed with this offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com