Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 217 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 217 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 213Page - Integrated Device Technology STAC9271 Datasheet HTML 214Page - Integrated Device Technology STAC9271 Datasheet HTML 215Page - Integrated Device Technology STAC9271 Datasheet HTML 216Page - Integrated Device Technology STAC9271 Datasheet HTML 217Page - Integrated Device Technology STAC9271 Datasheet HTML 218Page - Integrated Device Technology STAC9271 Datasheet HTML 219Page - Integrated Device Technology STAC9271 Datasheet HTML 220Page - Integrated Device Technology STAC9271 Datasheet HTML 221Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
217
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
8.2.
Pin Table for STAC927x family in 48 Pin LQFP
Pin Name
Pin Function
I/O
Internal
Pull-up/
Pull-down
Pin
Location
DVDD_CORE
Digital Vdd= 3.3V
I(Digital)
None
1
Volume Up/DMIC0/GPIO1
Volume Control
OR
Digital Mic 0 Input/General Purpose I/O
I/O(Digital)
Pull-Up 50 K
Ω
with Volume,
GPIO or
Pull-down
50 K
Ω with
Digital Mic
2
Volume Down/DMIC1/GPIO2
Volume Control
OR
Digital Mic 1 Input/General Purpose I/O
I/O(Digital)
Pull-Up 50 K
Ω
with Volume,
GPIO or
Pull-down
50 K
Ω with
Digital Mic
3
DVSS
Digital Ground
I(Digital)
None
4
SDATA_OUT
HD Audio Serial Data output
(inbound stream)
I/O(Digital)
None
5
BIT_CLK
HD Audio Bit Clock
I(Digital)
None
6
DVSS3
Digital Ground
I(Digital)
None
7
SDATA_IN
HD Audio Serial Data
(outbound stream)
O(Digital)
None
8
DVDD_CORE
Digital Vdd = 3.3V
I(Digital)
None
9
SYNC
HD Audio Frame Sync
I(Digital)
None
10
RESET#
HD Audio Reset
I(Digital)
None
11
PCBEEP
PC Beep
I(Analog)
None
12
SENSE_A
Jack insertion detection Ports A, B, C, D
I(Analog)
None
13
PORT-E_L
Input/Output of Left DAC2
I/O(Analog)
None
14
PORT-E_R
Input/Output of Right DAC2
I/O(Analog)
None
15
PORT-F_L
Input/Output of Left DAC3
I/O(Analog)
None
16
PORT-F_R)
Input/Output of Right DAC3
I/O(Analog)
None
17
CD-L
CD Audio Left Channel
I(Analog)
None
18
CD-GND
CD Audio Analog Ground
I(Analog)
None
19
CD-R
CD Audio Right Channel
I(Analog)
None
20
PORT-B_L (HP)
Input/Output of Left DAC0, 3, 4
I/O(Analog)
None
21
PORT-B_R (HP)
Input/Output of Right DAC0, 3, 4
I/O(Analog)
None
22
PORT-C_L
Input/Output of Left DAC1
I/O(Analog)
None
23
PORT-C_R
Input/Output of Right DAC1
I/O(Analog)
None
24
AVDD1
Analog Vdd = 3.3V to 5V
I(Analog)
None
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com