Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 220 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 220 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 215Page - Integrated Device Technology STAC9271 Datasheet HTML 216Page - Integrated Device Technology STAC9271 Datasheet HTML 217Page - Integrated Device Technology STAC9271 Datasheet HTML 218Page - Integrated Device Technology STAC9271 Datasheet HTML 219Page - Integrated Device Technology STAC9271 Datasheet HTML 220Page - Integrated Device Technology STAC9271 Datasheet HTML 221Page - Integrated Device Technology STAC9271 Datasheet HTML 222Page - Integrated Device Technology STAC9271 Datasheet HTML 223Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 220 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
220
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
10. SOLDER REFLOW PROFILE
10.1. Standard Reflow Profile Data
Note: These devices can be hand soldered at 360 oC for 3 to 5 seconds.
FROM: IPC / JEDEC J-STD-020C “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface
Mount Devices” (www.jedec.org/download).
Figure 6. Reflow Profile
Profile Feature
Pb Free Assembly
Average Ramp-Up Rate (Tsmax - Tp)
3 oC / second max
Preheat
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (tsmin - tsmax)
150 oC
200 oC
60 - 180 seconds
Time maintained above
Temperature (TL)
Time (tL)
217 oC
60 - 150 seconds
Peak / Classification Temperature (Tp)
See “Package Classification Reflow Temperatures”
on page 221.
Time within 5 oC of actual Peak Temperature (tp)
20 - 40 seconds
Ramp-Down rate
6 oC / second max
Time 25 oC to Peak Temperature
8 minutes max
Note: All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com