Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 222 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 222 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 215Page - Integrated Device Technology STAC9271 Datasheet HTML 216Page - Integrated Device Technology STAC9271 Datasheet HTML 217Page - Integrated Device Technology STAC9271 Datasheet HTML 218Page - Integrated Device Technology STAC9271 Datasheet HTML 219Page - Integrated Device Technology STAC9271 Datasheet HTML 220Page - Integrated Device Technology STAC9271 Datasheet HTML 221Page - Integrated Device Technology STAC9271 Datasheet HTML 222Page - Integrated Device Technology STAC9271 Datasheet HTML 223Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 222 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
222
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
11. REVISION HISTORY
Revision
Date
Description of Change
0.3
July 2005
Initial release.
0.5
August 2005
Updated Pin Outs and Pin Tables, Added Updated performance tables to show all voltage options,
Updated Diagrams, Added Widget Diagram, Added Pin Configuration Default Register Settings
Table, Added Part Numbers. Added 56-QFN Reflow Profile Information. Added Widget Information.
Updated ESD Information. Added 40dB Boost Information.
0.7
May 2006
Updated logo. Added ADAT logo. Added Audio Jack Presence Detect section. Updated Power
Consumption numbers.
0.82
8 October 2006
Initial release in IDT format.
1.0
March 2007
Removed 56QFN option for the STAC9274. Corrected the missing “X” at the end of the orderable
part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com