Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 120 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 120 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 116Page - Integrated Device Technology STAC9271 Datasheet HTML 117Page - Integrated Device Technology STAC9271 Datasheet HTML 118Page - Integrated Device Technology STAC9271 Datasheet HTML 119Page - Integrated Device Technology STAC9271 Datasheet HTML 120Page - Integrated Device Technology STAC9271 Datasheet HTML 121Page - Integrated Device Technology STAC9271 Datasheet HTML 122Page - Integrated Device Technology STAC9271 Datasheet HTML 123Page - Integrated Device Technology STAC9271 Datasheet HTML 124Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
120
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.15.4. PortC ConLstEntry
6.15.5. PortC PinWCntrl
Table 248. PortC ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 249. PortC ConLstEntry
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x00
Unused list entry.
[23.:16]
ConL2
R
0x00
Unused list entry.
[15.:8]
ConL1
R
0x00
Unused list entry.
[7.:0]
ConL0
R
0x03
DAC1 Converter widget
Table 250. PortC PinWCntrl
Command Verb Format
Verb ID
Payload
Response
Get
F07
00
See bitfield table.
Set1
707
See bits [7:0] of bitfield table.
0000_0000h
Table 251. PortC PinWCntrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:7]
Rsvd2
R
0x0
Reserved
[6]
OutEn
RW
0x0
1= (CODEC) output path of Pin Widget is enabled
[5]
InEn
RW
0x0
1= (CODEC) input path of Pin Widget is enabled
[4.:3]
Rsvd1
R
0x0
Reserved
[2.:0]
VRefEn
RW
0x0
VRefEn: Selects one of the possible states for the
VRef signal associated with the Pin Widget. If the
value written to this control does not correspond
to a supported value defined in the VRefCntrl field
of the Pin Capabilities parameter (0C), then this
control will take the value of 000b (Hi-Z).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com