Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 122 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 122 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 118Page - Integrated Device Technology STAC9271 Datasheet HTML 119Page - Integrated Device Technology STAC9271 Datasheet HTML 120Page - Integrated Device Technology STAC9271 Datasheet HTML 121Page - Integrated Device Technology STAC9271 Datasheet HTML 122Page - Integrated Device Technology STAC9271 Datasheet HTML 123Page - Integrated Device Technology STAC9271 Datasheet HTML 124Page - Integrated Device Technology STAC9271 Datasheet HTML 125Page - Integrated Device Technology STAC9271 Datasheet HTML 126Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
122
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.15.8. PortC ConfigDefault
[0]
RightCh
W
0x0
Set 1= perform impedance sensing on right
channel or ring of the connector
[0]
LeftCh
W
0x0
Set 0= perform impedance sensing on left
channel or tip of the connector
Table 256. PortC ConfigDefault
Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table.
Set1
71C
See bits [7:0] of bitfield table.
0000_0000h
Set2
71D
See bits [7:0] of bitfield table.
0000_0000h
Set3
71E
See bits [7:0] of bitfield table.
0000_0000h
Set4
71F
See bits [7:0] of bitfield table.
0000_0000h
Table 257. PortC ConfigDefault
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
Config4
RW
0x01
Port Connectivity= Jack;
Location= Mainboard rear.
[23.:16]
Config3
RW
0x81
Default Device= Line In;
Connection Type= 1/8 inch jack.
[15.:8]
Config2
RW
0x30
Color= Blue;
Misc= No jack detect override.
[7.:0]
Config1
RW
0x4E
Association= 4h;
Sequence= Eh.
Table 255. PortC ChSense
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com