Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 125 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 125 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 121Page - Integrated Device Technology STAC9271 Datasheet HTML 122Page - Integrated Device Technology STAC9271 Datasheet HTML 123Page - Integrated Device Technology STAC9271 Datasheet HTML 124Page - Integrated Device Technology STAC9271 Datasheet HTML 125Page - Integrated Device Technology STAC9271 Datasheet HTML 126Page - Integrated Device Technology STAC9271 Datasheet HTML 127Page - Integrated Device Technology STAC9271 Datasheet HTML 128Page - Integrated Device Technology STAC9271 Datasheet HTML 129Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
125
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.16.4. PortD ConLstEntry
6.16.5. PortD PinWCntrl
Table 263. PortD ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID
entries.
[6.:0]
ConL
R
0x01
Number of NID entries in connection list.
Table 264. PortD ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 265. PortD ConLstEntry
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x00
Unused list entry.
[23.:16]
ConL2
R
0x00
Unused list entry.
[15.:8]
ConL1
R
0x00
Unused list entry.
[7.:0]
ConL0
R
0x02
DAC0 Converter widget
Table 266. PortD PinWCntrl
Command Verb Format
Verb ID
Payload
Response
Get
F07
00
See bitfield table.
Set1
707
See bits [7:0] of bitfield table.
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com