Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 127 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 127 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 123Page - Integrated Device Technology STAC9271 Datasheet HTML 124Page - Integrated Device Technology STAC9271 Datasheet HTML 125Page - Integrated Device Technology STAC9271 Datasheet HTML 126Page - Integrated Device Technology STAC9271 Datasheet HTML 127Page - Integrated Device Technology STAC9271 Datasheet HTML 128Page - Integrated Device Technology STAC9271 Datasheet HTML 129Page - Integrated Device Technology STAC9271 Datasheet HTML 130Page - Integrated Device Technology STAC9271 Datasheet HTML 131Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
127
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.16.7. PortD ChSense
6.16.8. PortD ConfigDefault
Table 270. PortD ChSense
Command Verb Format
Verb ID
Payload
Response
Get
F09
00
See bitfield table.
Set1
709
See bits [7:0] of bitfield table.
0000_0000h
Set2
709
See bits [7:0] of bitfield table.
0000_0000h
Table 271. PortD ChSense
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
PresDtct
R
0x0
1= something is plugged into jack associated with Pin
Complex.
[30.:0]
Impedance
R
0x7FFF_FFFF
Measured impedance of the widget. A value of all 1's
indicates that a valid sense reading is not available, or
the sense measurement is busy if it has been recently
triggered.
[0]
RightCh
W
0x0
Set 1= perform impedance sensing on right channel or
ring of the connector
[0]
LeftCh
W
0x0
Set 0= perform impedance sensing on left channel or
tip of the connector
Table 272. PortD ConfigDefault
Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table.
Set1
71C
See bits [7:0] of bitfield table.
0000_0000h
Set2
71D
See bits [7:0] of bitfield table.
0000_0000h
Set3
71E
See bits [7:0] of bitfield table.
0000_0000h
Set4
71F
See bits [7:0] of bitfield table.
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com