Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
24 of 49
Figure 66. Open-Loop Output Impedance (ZO) vs.
Frequency
Figure 67. Open-Loop Output Impedance (ZO) vs. Frequency,
High VCM Operation
Figure 68. Closed-Loop Output Impedance (ZOUT) vs.
Frequency
Figure 69. Closed-Loop Output Impedance (ZOUT) vs.
Frequency, High VCM Operation
Figure 70. Closed-Loop Gain vs. Frequency
Figure 71. EMIRR vs. Frequency
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
100M
1
10
100
1k
10k
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
100M
1
10
100
1k
10k
100k
AV = +1
AV = +2
AV = +10
AV = +100
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
0.0001
0.001
0.01
0.1
1
10
100
1k
AV = +1
AV = +2
AV = +10
AV = +100
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
0.01
0.1
1
10
100
1k
AV = +100
AV = +10
AV = +1
AV = –1, RF = 5kΩ, CF = 2.7pF
AV = –1, RF = 5kΩ, CF = 0pF
CL = 50pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
–50
–40
–30
–20
–10
0
10
20
30
40
50
Av = +1
VIN = 100mV p-p
VIN = 200mV p-p
VS = ±2.25V
VS = ±18V
FREQUENCY (GHz)
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
160
180
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com