Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
42 of 49
Each time the multiplexer switches channels, the multiplexed signal changes value. Even if the input signals are
stable, the multiplexed signal varies, requiring downstream circuitry to respond quickly to these transitions. If the
output signal does not settle to the target accuracy before reading the next channel, the measured value of a
channel can be affected by the previous channel's value, causing channel-to-channel crosstalk. To prevent this, an
op amp used as a high impedance stage at the multiplexer’s output must respond quickly to its output. The
ADA4620 op amp is highly suitable for this purpose due to its low propagation delay and high slew rate,
maintaining measurement precision. Although high-speed op amps usually consume a lot of power, the ADA4620
provides a high slew rate while powered with a low supply current, enabling high throughput in multiplexed DAQ
systems with lower power consumption. The proprietary circuit topology of this amplifier gives excellent slew rate
at low quiescent power dissipation without compromising precision or settling time.
Figure 128. Multiplexed System and Different Input Structures of Op Amp
Even if the op amp following the multiplexer is fast enough, another crucial detail often overlooked is the input
structure of the operational amplifier. The high impedance stage op amp can be exposed to large differential
voltages due to the multiplexer switching between significantly different DC voltages. Therefore, the high
impedance stage op amp should be capable to tolerate and measure large step input voltages. The ADA4620
addresses this issue with a robust, mux-compatible architecture that can handle large differential voltages up to
the supply rails without relying on differential back-to-back diodes. See Figure 128.
Figure 129. Traditional Op Amp Inrush Current vs. Small ADA4620 Mux-Compatible Glitch Representing Mux Switching Event
In a traditional op amp, this large but temporary differential voltage between the input pins results in inrush
current due to diode conduction while the op amp output is slewing, as seen in the red trace in Figure 129. This
effect causes charge errors to form on upstream RCs, which takes time to settle. This effect can be seen in the red
ANTI-PARALLEL
DIODES
TRADITIONAL
OPERATIONAL
AMPLIFIER
ADC
RMUX
RSOURCE
RSOURCE
+5V
–5V
ADA4620-1/
ADA4620-2
ADC
RMUX
RSOURCE
RSOURCE
+5V
–5V
ADA4620
TRADITIONAL OP AMP
TIME (400ns/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com