Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
18 of 49
Figure 30. IBIAS Distribution
Figure 31. IBIAS Distribution (+85°C)
Figure 32. IBIAS Distribution (+125°C)
Figure 33. IBIAS vs. Temperature
Figure 34. IBIAS vs. Temperature, High VCM Operation
Figure 35. IBIAS vs. VCM (IBIAS+ and IBIAS−)
624 AMPLFIERS
–IN MEAN = –0.94pA
–IN SD = 0.23pA
+IN MEAN = –0.97pA
+IN SD = 0.23pA
–IN
+IN
IBIAS (pA)
–2.0 –1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
70
80
90
100
624 AMPLFIERS
–IN MEAN = –83pA
–IN SD = 10pA
+IN MEAN = –84pA
+IN SD = 10pA
–IN
+IN
IBIAS (pA)
–150 –135 –120 –105
–90
–75
–60
–45
–30
–15
0
0
20
40
60
80
100
120
140
160
180
200
624 AMPLFIERS
–IN MEAN = –0.75nA
–IN SD = 0.08nA
+IN MEAN = –0.75pA
+IN SD = 0.08nA
–IN
+IN
IBIAS (nA)
–1.5 –1.4 –1.2 –1.1 –0.9 –0.8 –0.6 –0.5 –0.3 –0.2
0
0
25
50
75
100
125
150
175
200
225
VCM = 0V
CURRENT FLOWING OUT OF THE PIN
IBIAS,+IN
IBIAS,–IN
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.01
0.1
1
10
100
1k
VCM = (V+) – 2V
CURRENT FLOWING OUT OF THE PIN
IBIAS,+IN
IBIAS,–IN
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.0001
0.001
0.01
0.1
1
10
100
1k
–18.1V ≤ VCM ≤ 18.1V
5 AMPLIFIERS
VCM (V)
–20–18–16–14–12–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16 18 20
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com