Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
45 of 49
Figure 134. Large Signal Noninverting Output Behavior, Without Input RC
The inverting case is relatively easy to improve, as it simply involves adding a feedback C that most designs include
anyway. Figure 135 shows results from an AV = −1 case with 1 kΩ:1 kΩ resistors and a feedback capacitor of 270 pF.
The behavior is very cleanly independent of step size. Of course, to reduce power consumption, higher value
resistors can be used, in which case the feedback capacitor value can be reduced.
Figure 135. Inverting Step Responses With 1 kΩ:1 kΩ Gain Resistors and Feedback Capacitance of 270 pF
For the noninverting case, this output behavior can be mitigated by slowing the input drive slew and/or adding a
small RC before the IN+ pin. See Figure 136, where the ramp rate is reduced to 80 V/µs and goes into a 330 Ω, 330 pF
RC before the ADA4620.
AV = +1
INPUT PULSES ARE DASHED LINES
OUTPUT PULSES ARE SOLID LINES
TIME (1µs/DIV)
TIME (1μs/DIV)
AV = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com