Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
35 of 49
APPLICATIONS INFORMATION
Photodiode Preamplifier/Transimpedance Amplifier
The ADA4620 devices are an excellent choice for photodiode preamplifier applications. The low input bias current
minimizes the DC error at the output of the preamplifier. In addition, the high gain bandwidth product and low
input capacitance maximize the signal bandwidth of the photodiode preamplifier. Figure 115 shows the ADA4620-
1/ADA4620-2 as a current to voltage (I to V) converter with an electrical model of a photodiode.
Figure 115. Equivalent TIA Circuit
The following basic transfer function describes the transimpedance gain of the photodiode preamplifier:
������������������������ =
������������������������������������ × ������������
1 + ������������������������������
(1)
where, IPHOTO is the output current of the photodiode. The parallel combination of RF and CF sets the signal
bandwidth (see the I to V gain trace in Figure 116). Note that RF must be set so the maximum attainable output
voltage corresponds to the maximum diode output current, IPHOTO, which allows use of the full output swing. The
attainable signal bandwidth with this photodiode preamplifier is a function of RF, the gain bandwidth product (fGBP)
of the amplifier, and the total capacitance at the amplifier summing junction, including CSH and the amplifier input
capacitance, CD and CCM.
������������ = ������������������ + ������������ + ������������������
(2)
RF and the total capacitance produce a pole with loop frequency (fP).
������
������ =
1
2������������������������������
(3)
With the additional pole from the amplifier open-loop response, the two-pole system results in peaking and
instability due to an insufficient phase margin. See Figure 116.
CCM
CCM
CD
VB
VOUT
RF
CF
RSH = 1011Ω
CSH
IPD
PHOTODIODE MODEL
ADA4620-1/
ADA4620-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com