Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
38 of 49
Figure 119 shows the ADA4620-1/ADA4620-2 configured as a transimpedance photodiode amplifier. The amplifiers
are used in conjunction with a photodiode detector with a shunt capacitance of 3 pF at 5 V of reverse bias (Osram
SFH213).
Figure 119. Transimpedance Photodiode Preamplifier
Figure 120 shows the transimpedance response of the ADA4620 when IPHOTO is 1 µA p-p. The amplifiers have a
bandwidth of 2 MHz with no compensation but a lot of peaking. Adding CF of 1.5 pF completely eliminates the
peaking, and also reduces the bandwidth to 1.1 MHz. See Figure 121.
Figure 120. Initial Photodiode Amplifier Response with Peaking (Undercompensated)
Figure 121. Photodiode Amplifier Response with CF= 1.5 pF (Slightly Overcompensated)
0.1µF
+15V TO +27V
–5V
100kΩ
VOUT
1pF
ADA4620-1/
ADA4620-2
0.1µF
–5V
SFH213
FREQUENCY (Hz)
10k
100k
1M
10M
50
55
60
65
70
75
80
85
90
FREQUENCY (Hz)
10k
100k
1M
10M
50
90
80
70
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com