Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
12 of 49
Figure 3. Maximum Power Dissipation vs. Temperature
Airflow increases heat dissipation, effectively reducing θJA. Also, more metal directly in contact with the package
leads from metal traces, through holes, ground, and power planes reduce the θJA.
Figure 3 shows the maximum safe power dissipation in the package vs. the ambient temperature for the SOIC-8
(125°C/W) package on a JEDEC standard 4-layer board. θJA values are approximations.
Electrostatic Discharge (ESD) Ratings
The following ESD information is provided for handling of ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field-induced charged device model (FICDM) and charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for AD4620-1
Table 5. ADA4620-1, 8-Lead SOIC_N (R-8)
ESD Model
Withstand Threshold (V)
Class
HBM
±1750
1C
FICDM
±1000
C3
ESD Ratings for AD4620-2
Table 6. ADA4620-2, 8-Lead SOIC_N (R-8)
ESD Model
Withstand Threshold (V)
Class
HBM
±1500
1C
FICDM
±1000
C3
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.
ADA4620-1, SOIC-8
ADA4620-2, SOIC-8
AMBIENT TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com