Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
16 of 49
Figure 18. ADA4620-1 VOS vs. Temperature, High VCM
Operation
Figure 19. ADA4620-2 VOS vs. Temperature, High VCM Operation
Figure 20. ADA4620-1 TCVOS Distribution (+25°C to +125°C)
Figure 21. ADA4620-2 TCVOS Distribution (+25°C to +125°C)
Figure 22. VOS vs. VCM
Figure 23. VOS vs. VCM, High VCM Operation
ADA4620-1
120 AMPLIFIERS
VCM = (V+) – 2V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
–20
–16
–12
–8
–4
0
4
8
12
16
20
ADA4620-2
160 AMPLIFIERS
VCM = (V+) – 2V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
–20
–16
–12
–8
–4
0
4
8
12
16
20
ADA4620-1
120 AMPLFIERS
MEAN = 0.203µV/°C
SD = 0.115µV/°C
OFFSET VOLTAGE DRIFT (µV/°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
ADA4620-2
158 AMPLFIERS
MEAN = 0.323µV/°C
SD = 0.109µV/°C
OFFSET VOLTAGE DRIFT (µV/°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
–18.1V ≤ VCM ≤ 18.1V
10 AMPLIFIERS
VCM (V)
–20–18–16–14–12–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16 18 20
–80
–60
–40
–20
0
20
40
60
80
13.5V ≤ VCM ≤ 18.1V
10 AMPLIFIERS
VCM (V)
13.5 14.0 14.5 15.0 15.5 16.0 16.5 17.0 17.5 18.0 18.5
–10
–8
–6
–4
–2
0
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com