Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4620-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Low offset voltage: ±30 μV typ
Low offset voltage drift: ±0.32 μV/°C typ
Low input bias current: ±0.8 pA typ, ±5 pA max
Low 1/f noise: 225 nV p-p, 0.1 Hz to 10 Hz typ
Voltage noise density: 5.1 nV/√Hz at 1 kHz typ
Gain bandwidth product: 16.5 MHz typ
High slew rate: 32 V/µs typ
Low THD: −148 dB at 1 kHz typ
Low supply current: 1.3 mA per amplifier typ
Wide power supply range:
Single supply: 4.5 V to 36 V
Dual supplies: ±2.25 V to ±18 V
No phase reversal
Unity-gain stable
Extended high input common-mode range
(V+) − 4.4 V < VCM ≤ (V+)
Multiple channel options:
ADA4620-1 single channel
ADA4620-2 dual channel
APPLICATIONS
Transimpedance amplifiers
Electronic test and measurement
Scientific and field instruments
Semiconductor test
Data acquisition systems
High impedance sensors
Figure 1. Input Voltage Noise vs. Frequency
TYPICAL APPLICATION DIAGRAM
Figure 2. Photodiode Application with Key Elements
GENERAL DESCRIPTION
The ADA4620-1 and ADA4620-2 are 36 V, precision,
low noise, low offset drift, JFET op amps. The parts
offer the combination of top precision parameters at
speed, and at extended operating range and
temperature. The ADA4620 is ideal for high DC
precision and AC performance. The specifications
make the ADA4620 optimal as a front-end amplifier in
a data-acquisition (DAQ) system, or for a TIA circuit
with high input impedance.
For only 1.3 mA of supply current per amplifier, the
ADA4620 has a gain-bandwidth product of 16.5 MHz,
a 32 V/µs slew rate, 5.1 nV/√Hz of broadband noise,
and 225 nV p-p of 0.1 Hz to 10 Hz noise. The input
voltage range includes the negative supply, and the
output swings rail-to-rail.
The ADA4620 is specified for operating over the
temperature range of −40°C to +125°C, and dual
supplies ranging from ±2.25 V to ±18 V, or on a single
supply ranging from +4.5 V to +36 V. The ADA4620-
1 and ADA4620-2 are available in an 8-lead SOIC_N
package.
1k
100
10
1
0.1
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VCM = 0V
VSY = ±18V
VCM = (V–) + 0.1V
VCM = (V+) – 4.4V
CCM
CCM
CDM
VB
VOUT
RF
CF
AC GND
RSH
CPD
IPD
PHOTODIODE
MODEL
HIGH
SOURCE
Z
ADA4620-1/
ADA4620-2


Similar Part No. - ADA4620-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4620-1 AD-ADA4620-1 Datasheet
467Kb / 15P
36 V, Precision, Low Noise, 16 MHz JFET Op Amp with Rail-to-Rail Output
Rev. PrG
More results

Similar Description - ADA4620-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Linear Technology
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
807Kb / 25P
High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
logo
Analog Devices
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com