Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
41 of 49
Figure 126. Distortion and Noise Performance vs. Sample Rate for Cd = 680 pF
Figure 126 plots various distortion and noise performances achieved with various sample rates and capacitor Cd =
680 pF. Figure 127 is an example FFT.
Figure 127. 8192 Bin FFT Gathered from the Circuit at 300 kSps, −0.5 dBFS, 5.017 kHz Input Sinusoid
Multiplexer Compatibility
High-channel-density data-acquisition systems used in medical imaging, industrial process control, and automatic
test equipment require numerous ADC channels to acquire data from multiple sensors or analog voltages. This
demands significant board space, power, and cost. To address this, a multiplexing technique is employed, allowing
signals from many sensors to be routed to a smaller number of ADCs that convert each channel sequentially. This
technique reduces the downstream circuitry needed compared to a per-channel design. By using fewer ADCs per
system, multiplexing offers substantial savings in power, size, and cost. However, to effectively implement a
multiplexing solution, attention must be given to several details, especially when quickly switching between
channels, ensuring accurate measurements, and maintaining low power consumption.
In multiplexed data-acquisition (DAQ) systems, an analog multiplexer is used to time-multiplex input analog
channels because it allows multiple signals to be routed to a single ADC for conversion. Interfacing the output of
the multiplexer to a high input impedance stage before connecting it to the ADC is important because it improves
measurement accuracy and settling time. This configuration ensures that the multiplexer can switch channels
more quickly and efficiently, enhancing overall signal chain throughput.
HD2
HD3
SNR
SAMPLE RATE (kSps)
100
200
300
400
500
600
700
800
900
1000
–122
–118
–114
–110
–106
–102
–98
–94
–90
BIN #
0
1024
2048
3072
4096
5120
6144
7168
8192
–160
–140
–120
–100
–80
–60
–40
–20
0
fS = 300kSps
SNR = 101.96dB
THD = –110.63dB
BIN WIDTH = 18.311Hz
F2 AMPLITUDE = –120.7dBc
F3 AMPLITUDE = –112.3dBc
F1 AMPLITUDE = –0.5dBFS
F1 = 5.017089844kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com