Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
20 of 49
Figure 42. ADA4620-1 IOS Distribution (+85°C)
Figure 43. ADA4620-2 IOS Distribution (+85°C)
Figure 44. ADA4620-1 IOS Distribution (+125°C)
Figure 45. ADA4620-2 IOS Distribution (+125°C)
Figure 46. IOS vs Temperature
Figure 47. IOS vs Temperature, High VCM Operation
ADA4620-1
102 AMPLFIERS
MEAN = –5.4pA
SD = 1.8pA
IOS (pA)
–20
–16
–12
–8
–4
0
4
8
12
16
20
0
3
6
9
12
15
18
21
24
27
30
ADA4620-2
624 AMPLFIERS
MEAN = –0.98pA
SD = 0.85pA
IOS (pA)
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
ADA4620-1
102 AMPLFIERS
MEAN = –35.6pA
SD = 10.6pA
IOS (pA)
–100 –80
–60
–40
–20
0
20
40
60
80
100
0
3
6
9
12
15
18
21
24
27
30
ADA4620-2
624 AMPLFIERS
MEAN = –6.4pA
SD = 5.0pA
IOS (pA)
–30
–24
–18
–12
–6
0
6
12
18
24
30
0
10
20
30
40
50
60
70
80
90
VCM = 0V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
–30
–25
–20
–15
–10
–5
0
5
VCM = (V+) – 2V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
–5
0
5
10
15
20
25
30
35
40
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com