Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4620-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
5 of 49
(Supply voltage VSY = ±2.25 V to ±18 V for dual supplies, or 4.5 V to 36 V for single supply; common-mode voltage
VCM = 0 V for dual supplies, or (V+)/2 V for single supply; TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
OUTPUT CHARACTERISTICS
Output Swing High
[(V+) − VOUT]
VOH
RL = 10 kΩ, VSY =
±18 V, G = 50,
VIN = 0.37 V
42
60
mV
−40°C < TA <
+125°C
65
RL = 2 kΩ, VSY =
±18 V, G = 50,
VIN = 0.37 V
150
175
−40°C < TA <
+125°C
215
RL = 10 kΩ, VSY = ±2.25 V, G = 50,
VIN = 0.37 V
30
RL = 2 kΩ, VSY = ±2.25 V, G = 50,
VIN = 0.37 V
60
Output Swing Low
[VOUT − (V−)]
VOL
RL = 10 kΩ, VSY =
±18 V, G = 50,
VIN = 0.37 V
37
50
mV
−40°C < TA <
+125°C
55
RL = 2 kΩ, VSY =
±18 V, G = 50,
VIN = 0.37 V
137
160
−40°C < TA <
+125°C
190
RL = 10 kΩ, VSY = ±2.25 V, G = 50,
VIN = 0.37 V
20
RL = 2 kΩ, VSY = ±2.25 V, G = 50,
VIN = 0.37 V
40
Short-Circuit Current
ISC
VSY = ±5 V, Sourcing/Sinking
55/47
mA
VSY = ±15 V, Sourcing/Sinking
86/58
VSY = ±18 V, Sourcing/Sinking
94/60
Closed-Loop Output
Impedance
ZOUT
f = 1 kHz, AV = +1, VSY = ±18 V
0.65
mΩ
f = 1 kHz, AV = +10, VSY = ±18 V
4
f = 1 kHz, AV = +100, VSY = ±18 V
40
Open-Loop Output
Impedance
ZO
f = 1 MHz, VSY = ±18 V
3.3
Ω
POWER SUPPLY
Power Supply
Rejection Ratio
PSRR+
V− = −0.1 V, VCM =
0 V, V+ stepped
from 4.4 V to
35.9 V
114
131
dB
−40°C < TA <
+125°C
114
PSRR−
V+ = 4.4 V, VCM = 0
V, V− stepped
from −31.6 V to
−0.1 V
114
132
−40°C < TA <
+125°C
114
Supply Current per
Amplifier
ISY
IOUT = 0 mA,
VSY = ±18 V
1.3
1.4
mA
−40°C < TA <
+125°C
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com