Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
10 of 49
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified.
Table 3. Absolute Maximum Ratings
PARAMETER
RATING
Supply Voltage ((V+) − (V−))
40 V
Input Voltage Single-Ended
(V−) − 0.3 V to (V+) + 0.3 V
Input Voltage Differential
((V+) − (V−)) + 0.6 V
Output Voltage (VOUT)
(V−) − 0.3 V to (V+) + 0.3 V
Input Current (I+IN, I−IN)
20 mA
Output Short-Circuit Duration1
Continuous
Storage Temperature
−65 °C to +150 °C
Operating Temperature
−40 °C to +125 °C
Junction Temperature
−65 °C to +150 °C
Lead Temperature Soldering, 10 s
300°C
.
1
A heatsink may be required to keep the TJ below the absolute maximum rating when the output is shorted
indefinitely.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
Thermal Characteristics
Thermal performance is directly linked to the PCB design and operating environment. Close attention to PCB
thermal design is required.
JA is the junction-to-ambient thermal resistance.
JC is the junction-to-case thermal resistance.
Table 4. Thermal Resistance
Package Type
JA
JC
Unit
ADA4620-1
SOIC_N (R-8)
115.5
46.3
C/W
ADA4620-2
SOIC_N (R-8)
110.1
47.5
C/W
Maximum Power Dissipation
The maximum safe power dissipation in the ADA4620 SOIC-8 package is limited by the associated rise in junction
temperature (TJ) on the die. The plastic encapsulating the die locally reaches the junction temperature. At
approximately 150°C, which is the glass transition temperature, the plastic changes its properties. Even temporarily



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com