Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
21 of 49
Figure 48. 0.1 Hz to 10 Hz Voltage Noise
Figure 49. Voltage Noise vs. Frequency
Figure 50. Voltage Noise vs. Frequency, High VCM
Operation
Figure 51.Current Noise vs. Frequency
Figure 52. CMRR vs. Temperature
Figure 53. CMRR vs. Frequency
TIME (1s/DIV)
VSY = ±18V
VCM = 0V
VCM = (V–) + 0.1V
VCM = (V+) – 4.4V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
100M
1
10
100
1k
VSY = ±18V
VCM = (V+) – 2V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
100M
1
10
100
1k
VCM = 0V
VCM = (V–) + 0.1V
VCM = (V+) – 4.4V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
0.1
1
10
100
1k
–18.1V ≤ VCM ≤ 13.6V
ADA4620-1
ADA4620-2
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
100
110
120
130
140
150
160
170
180
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
20
40
60
80
100
120
140
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com