Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
37 of 49
Figure 117. Ideal Gain and Phase Plot of the Transimpedance Amplifier Design with Compensation
The gray trace in Figure 117 shows the ideal noise gain over frequencies for the photodiode preamp. Calculate the
noise bandwidth at the fN frequency by:
������
������ =
������
������������������
(������������ + ������������)/������������
(7)
In reality, noise gain is limited by the gain bandwidth of the op amp, and rolls off with open-loop gain. The gray
trace in Figure 118 shows a more realistic noise gain plot, compared to Figure 117.
Figure 118. Attenuated Noise Gain, with Attenuation Following Open-Loop Gain
OPEN-LOOP GAIN
I-TO-V GAIN
NG = 1
G = 1 + CS/CF
fX
fZ
fN
fGBP
f
f
fP
0°
45°
–45°
90°
–90°
–135°
NG = RFCFs
OPEN-LOOP GAIN
fZ
NG = 1 + CS/CF
NG = RFCFs
NG = 1
log f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com