Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
36 of 49
Figure 116. Gain and Phase Plot of the Transimpedance Amplifier Design, Without Compensation
Adding CF creates a zero in the loop transmission that compensates for the effect of the input pole, which stabilizes
the photodiode preamplifier design because of the increased phase margin. Adding CF also sets the signal
bandwidth (see Figure 117). The signal bandwidth and the zero frequency are determined by:
������
������ =
1
2������������������������������
(4)
where, fZ is the zero frequency. Setting the zero at the fX frequency maximizes the signal bandwidth with a 45°
phase margin. Because fX is the geometric mean of fP and fGBP, it can be calculated by:
������
������ = √������������ × ������������������������
(5)
Combining these equations, the CF value that produces fX is:
������������ = √
������������
2������ × ������������ × ������
������������������
(6)
The frequency response in this case shows approximately 2 dB of peaking and 15% overshoot. Doubling CF and
halving the bandwidth results in a flat frequency response with approximately 5% transient overshoot. The
dominant sources of output noise in the wideband photodiode preamp design are the input voltage noise of the
amplifier, VNOISE, and the resistor noise due to RF.
OPEN-LOOP GAIN
G = 1
G = RFCSs
fX
fGBP
fP
log f
log f
0
–45
–90
–135
–180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com