Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
31 of 49
Figure 108. Slew Rate vs. Amplitude (AV = −1)
Figure 109. Slew Rate vs. Amplitude (AV = +1)
Figure 110. Slew Rate vs. Temperature (AV = −1)
Figure 111. Slew Rate vs. Temperature (AV = +1)
Figure 112. Crosstalk vs. Frequency
AV = –1
RL = 2kΩ
RF = RG = 1kΩ
VOUT = ±5V
10% TO 90%
INPUT SLEW LIMITED,
SEE APPLICATIONS SECTION
ADA4620-1, RISING EDGE
ADA4620-1, FALLING EDGE
ADA4620-2, RISING EDGE
ADA4620-2, FALLING EDGE
STEP SIZE (V)
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34
20
22
24
26
28
30
32
34
36
38
40
AV = +1
RL = 2kΩ
10% TO 90%
INPUT SLEW LIMITED,
SEE APPLICATIONS SECTION
ADA4620-1, RISING EDGE
ADA4620-1, FALLING EDGE
ADA4620-2, RISING EDGE
ADA4620-2, FALLING EDGE
STEP SIZE (V)
0
2
4
6
8
10
12
14
16
18
20
20
22
24
26
28
30
32
34
36
38
40
AV = –1
RL = 2kΩ
RF = RG = 1kΩ
VOUT = ±5V
VIN,SR = 50V/µs
10% TO 90%
ADA4620-1, RISING EDGE
ADA4620-1, FALLING EDGE
ADA4620-2, RISING EDGE
ADA4620-2, FALLING EDGE
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
20
22
24
26
28
30
32
34
36
38
40
42
44
AV = +1
RL = 2kΩ
VOUT = ±5V
VIN,SR = 45V/µs
10% TO 90%
ADA4620-1, RISING EDGE
ADA4620-1, FALLING EDGE
ADA4620-2, RISING EDGE
ADA4620-2, FALLING EDGE
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
20
22
24
26
28
30
32
34
36
38
40
42
44
RL = 2kΩ
RL = 10kΩ
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
–180
–160
–140
–120
–100
–80
–60
–40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com