Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
29 of 49
Figure 96. ADA4620-1 THD vs. Amplitude vs. RL (AV = −1)
Figure 97. ADA4620-2 THD vs. Amplitude vs. RL (AV = −1)
Figure 98. ADA4620-1 THD vs. Amplitude vs. RL
(AV = −1, VSY = ±5 V)
Figure 99. ADA4620-2 THD vs. Amplitude vs. RL
(AV = −1, VSY = ±5 V)
Figure 100. THD vs. Amplitude vs. RL (AV = +1, VSY = ±5 V)
Figure 101. THD vs. Amplitude (AV = +1, f = 20 Hz)
AV = –1
VSY = ±18V
f = 1kHz, RL = 2kΩ
f = 10kHz, RL = 2kΩ
f = 100kHz, RL = 2kΩ
f = 1kHz, RL = 10kΩ
f = 10kHz, RL = 10kΩ
f = 100kHz, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
AMPLITUDE (VRMS)
0.1
1
10
20
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
AV = –1
VSY = ±18V
f = 1kHz, RL = 2kΩ
f = 10kHz, RL = 2kΩ
f = 100kHz, RL = 2kΩ
f = 1kHz, RL = 10kΩ
f = 10kHz, RL = 10kΩ
f = 100kHz, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
AMPLITUDE (VRMS)
0.1
1
10
20
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
AV = –1
VSY = ±5V
f = 1kHz, RL = 2kΩ
f = 10kHz, RL = 2kΩ
f = 100kHz, RL = 2kΩ
f = 1kHz, RL = 10kΩ
f = 10kHz, RL = 10kΩ
f = 100kHz, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
AMPLITUDE (VRMS)
0.1
1
10
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
AV = –1
VSY = ±5V
f = 1kHz, RL = 2kΩ
f = 10kHz, RL = 2kΩ
f = 100kHz, RL = 2kΩ
f = 1kHz, RL = 10kΩ
f = 10kHz, RL = 10kΩ
f = 100kHz, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
AMPLITUDE (VRMS)
0.1
1
10
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
AV = +1
VSY = ±5 V
LOW TO HIGH
VCM CROSSOVER
f = 1kHz, RL = 2kΩ
f = 10kHz, RL = 2kΩ
f = 100kHz, RL = 2kΩ
f = 1kHz, RL = 10kΩ
f = 10kHz, RL = 10kΩ
f = 100kHz, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
AMPLITUDE (VRMS)
0.1
1
10
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
AV = +1
VSY = ±18V
RL = 2kΩ
f = 20Hz
ADA4620-1
ADA4620-2 (1 AMPLIFIER DRIVEN)
ADA4620-2 (2 AMPLIFIERS DRIVEN)
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
AMPLITUDE (VRMS)
0.1
1
10
20
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com