Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
6 of 49
(Supply voltage VSY = ±2.25 V to ±18 V for dual supplies, or 4.5 V to 36 V for single supply; common-mode voltage
VCM = 0 V for dual supplies, or (V+)/2 V for single supply; TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Operating Range
VSY
Guaranteed by PSRR
4.5
36
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ, VOUT =
±5 V, AV = +1,
VSY = ±18 V
10% - 90%
30
V/μs
90% - 10%
34
RL = 2 kΩ, VOUT =
±5 V, AV = −1,
VSY = ±18 V
10% - 90%
32
90% - 10%
32
Gain Bandwidth
Product
GBP
RL = 2 kΩ, CL = 50 pF, VSY = ±18 V,
Measured at 100 kHz
16.5
MHz
Unity-Gain Crossover
UGC
RL = 2 kΩ, CL = 50 pF, VSY = ±18 V
18
MHz
−3 dB Bandwidth
−3 dB
RL = 2 kΩ, CL = 50 pF, AV = +1,
VSY = ±18 V
51
MHz
Phase Margin
PM
RL = 2 kΩ, CL = 50 pF, VSY = ±18 V
57
Degrees
Settling Time
tS
VOUT = ±5 V, AV =
−1, VSY= ±18 V,
RF = RG = 1 kΩ,
RL = 10 kΩ,
CL = 50 pF
To ±0.01%
500
ns
To ±0.0122%
(12-Bit)
485
To ±0.00075%
(16-Bit)
3.3
µs
Overload Recovery
Time
OLR+
RL = 2 kΩ, CL = 50 pF, AV = −10,
VSY = ±18 V, Step = 2.2 V
123
ns
OLR−
RL = 2 kΩ, CL = 50 pF, AV = −10,
VSY = ±18 V, Step = 2.2 V
103
Total Harmonic
Distortion
THD
RL = 2 kΩ, VOUT = 10 V p-p, AV = +1,
f = 1 kHz, VSY= ±18 V
−148
dB
RL = 2 kΩ, VOUT = 10 V p-p, AV = −1,
f = 1 kHz, VSY= ±18 V
−147
RL = 2 kΩ, VOUT = 10 V p-p, AV = +1,
f = 100 kHz, VSY= ±18 V
−85
RL = 2 kΩ, VOUT = 10 V p-p, AV = −1,
f = 100 kHz, VSY= ±18 V
−106
EMI REJECTION RATIO
Frequency = 1000 MHz EMIRR
VIN = 200 mV p-p
64
dB
Frequency = 2400 MHz EMIRR
VIN = 200 mV p-p
80
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz, VCM = 0 V, VSY= ±18 V
225
nV p-p
Voltage Noise Density
en
f = 1 Hz, VCM = 0 V, VSY= ±18 V
16.9
nV/√Hz
f = 10 Hz, VCM = 0 V, VSY= ±18 V
7.4
f = 100 Hz, VCM = 0 V, VSY= ±18 V
5.5
f = 1 kHz, VCM = 0 V, VSY= ±18 V
5.1
f = 10 kHz, VCM = 0 V, VSY = ±18 V
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com