Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4620-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
4 of 49
SPECIFICATIONS
Electrical Characteristics
Table 1. Electrical Characteristics
(Supply voltage VSY = ±2.25 V to ±18 V for dual supplies, or 4.5 V to 36 V for single supply; common-mode voltage
VCM = 0 V for dual supplies, or (V+)/2 V for single supply; TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = (V−) − 0.1 V
to (V+) – 4.4 V
±30
±120
μV
0°C < TA < +85°C
±135
−40°C < TA <
+125°C
±250
Offset Voltage Drift1
ΔVOS/ΔT
VCM = (V−) − 0.1 V
to (V+) − 4.4 V
−40°C < TA <
+125°C
±0.32
±1
µV/°C
0°C < TA < +85°C,
ADA4620-1
±0.13 ±0.63
0°C < TA < +85°C,
ADA4620-2
±0.4
±1.1
Input Bias Current
IB
VCM = 0 V
±0.8
±5
pA
−40°C < TA <
+125°C
±1.5 nA
Input Offset Current
IOS
VCM = 0 V
±0.1
±2.5
pA
−40°C < TA <
+125°C
±100
Precision Input
Voltage Range
IVR
Guaranteed by CMRR
(V−) −
0.1
(V+) −
4.4
V
Common-Mode
Rejection Ratio
CMRR
(V−) − 0.1 V < VCM
< (V+) − 4.4 V,
VSY = ±18 V
ADA4620-1
117
131
dB
ADA4620-2
120
143
−40°C < TA <
+125°C
116
120
Open-Loop Voltage
Gain
AVOL
RL = 10 kΩ, VOUT =
±17.8 V,
VSY = ±18 V
128
140
dB
−40°C < TA <
+125°C
124
RL = 2 kΩ, VOUT =
±17.8 V,
VSY = ±18 V
106
112
−40°C < TA <
+125°C
97
Input Capacitance
CINDM
Differential mode, VSY = 18 V, VCM = 0 V
4.8
pF
CINCM
Common mode, VSY = 18 V, VCM = 0 V
7.1
Input Resistance
RINDM
Differential mode
200
GΩ
RINCM
Common mode
10
TΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com