Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1ARZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4620-1ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-1ARZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4620-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4620-1ARZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
27 of 49
Figure 84. ADA4620-1 Small Signal Transient Response
(100 mV Step, AV = −1)
Figure 85. ADA4620-2 Small Signal Transient Response
(100 mV Step, AV = −1)
Figure 86. Small Signal Transient Response, High VCM
Operation (100 mV Step, AV = +1)
Figure 87. Small Signal Transient Response, High VCM
Operation (100 mV Step, AV = −1)
Figure 88. ADA4620-1 Overshoot vs. Load Capacitance
(AV = +1)
Figure 89. ADA4620-2 Overshoot vs. Load Capacitance
(AV = +1)
ADA4620-1
AV = –1
RL= 2kΩ
CL= 50pF
RF = RG = 1kΩ
CF = 2.7pF
TIME (100ns/DIV)
–100
–75
–50
–25
0
25
50
75
100
ADA4620-2
AV = –1
RL= 2kΩ
CL= 50pF
RF = RG = 1kΩ
CF = 2.7pF
TIME (100ns/DIV)
–100
–75
–50
–25
0
25
50
75
100
AV = +1
RL= 2kΩ
CL= 50pF
TIME (100ns/DIV)
–100
–75
–50
–25
0
25
50
75
100
AV = –1
RL= 2kΩ
CL= 50pF
RF = RG = 1kΩ
CF = 2.7pF
TIME (100ns/DIV)
–100
–75
–50
–25
0
25
50
75
100
VIN = 25mV p-p
AV = +1
POSITIVE, RISO = 0Ω
NEGATIVE, RISO = 0Ω
POSITIVE, RISO = 25Ω
NEGATIVE, RISO = 25Ω
POSITIVE, RISO = 50Ω
NEGATIVE, RISO = 50Ω
CAPACITANCE (pF)
1
10
100
1000
0
5
10
15
20
25
30
35
40
VIN = 25mV p-p
AV = +1
POSITIVE, RISO = 0Ω
NEGATIVE, RISO = 0Ω
POSITIVE, RISO = 25Ω
NEGATIVE, RISO = 25Ω
POSITIVE, RISO = 50Ω
NEGATIVE, RISO = 50Ω
CAPACITANCE (pF)
1
10
100
1000
0
5
10
15
20
25
30
35
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com