Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 132 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 132 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 128Page - STMicroelectronics LSM6DSV80X Datasheet HTML 129Page - STMicroelectronics LSM6DSV80X Datasheet HTML 130Page - STMicroelectronics LSM6DSV80X Datasheet HTML 131Page - STMicroelectronics LSM6DSV80X Datasheet HTML 132Page - STMicroelectronics LSM6DSV80X Datasheet HTML 133Page - STMicroelectronics LSM6DSV80X Datasheet HTML 134Page - STMicroelectronics LSM6DSV80X Datasheet HTML 135Page - STMicroelectronics LSM6DSV80X Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 181 page
background image
13
Embedded advanced features register description
13.1
Page 0 - embedded advanced features registers
13.1.1
FSM_EXT_SENSITIVITY_L (BAh) and FSM_EXT_SENSITIVITY_H (BBh)
External sensor sensitivity value register for the finite state machine (R/W)
This register corresponds to the conversion value of the external sensor. The register value is expressed as half-
precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Default value of FSM_EXT_S_[15:0] bits is 0x1624 (when using an external magnetometer this value
corresponds to 0.0015 gauss/LSB).
Table 324. FSM_EXT_SENSITIVITY_L register
FSM_EXT_
S_7
FSM_EXT_
S_6
FSM_EXT_
S_5
FSM_EXT_
S_4
FSM_EXT_
S_3
FSM_EXT_
S_2
FSM_EXT_
S_1
FSM_EXT_
S_0
Table 325. FSM_EXT_SENSITIVITY_L register description
FSM_EXT_S_[7:0]
External sensor sensitivity (LSbyte). Default value: 00100100
Table 326. FSM_EXT_SENSITIVITY_H register
FSM_EXT_
S_15
FSM_EXT_
S_14
FSM_EXT_
S_13
FSM_EXT_
S_12
FSM_EXT_
S_11
FSM_EXT_
S_10
FSM_EXT_
S_9
FSM_EXT_
S_8
Table 327. FSM_EXT_SENSITIVITY_H register description
FSM_EXT_S_[15:8]
External sensor (MSbyte). Default value: 00010110
LSM6DSV80X
Embedded advanced features register description
DS14764 - Rev 1
page 132/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com