Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 136 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 136 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 132Page - STMicroelectronics LSM6DSV80X Datasheet HTML 133Page - STMicroelectronics LSM6DSV80X Datasheet HTML 134Page - STMicroelectronics LSM6DSV80X Datasheet HTML 135Page - STMicroelectronics LSM6DSV80X Datasheet HTML 136Page - STMicroelectronics LSM6DSV80X Datasheet HTML 137Page - STMicroelectronics LSM6DSV80X Datasheet HTML 138Page - STMicroelectronics LSM6DSV80X Datasheet HTML 139Page - STMicroelectronics LSM6DSV80X Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 181 page
background image
13.1.8
FSM_EXT_MATRIX_YY_L (CCh) and FSM_EXT_MATRIX_YY_H (CDh)
External sensor transformation matrix register (R/W)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 352. FSM_EXT_MATRIX_YY_L register
FSM_EXT_
MAT_YY_7
FSM_EXT_
MAT_YY_6
FSM_EXT_
MAT_YY_5
FSM_EXT_
MAT_YY_4
FSM_EXT_
MAT_YY_3
FSM_EXT_
MAT_YY_2
FSM_EXT_
MAT_YY_1
FSM_EXT_
MAT_YY_0
Table 353. FSM_EXT_MATRIX_YY_L register description
FSM_EXT_MAT_YY_[7:0]
Transformation matrix row2 col2 coefficient (LSbyte). Default value: 00000000
Table 354. FSM_EXT_MATRIX_YY_H register
FSM_EXT_
MAT_YY_15
FSM_EXT_
MAT_YY_14
FSM_EXT_
MAT_YY_13
FSM_EXT_
MAT_YY_12
FSM_EXT_
MAT_YY_11
FSM_EXT_
MAT_YY_10
FSM_EXT_
MAT_YY_9
FSM_EXT_
MAT_YY_8
Table 355. FSM_EXT_MATRIX_YY_H register description
FSM_EXT_MAT_YY_[15:8]
Transformation matrix row2 col2 coefficient (MSbyte). Default value: 00111100
13.1.9
FSM_EXT_MATRIX_YZ_L (CEh) and FSM_EXT_MATRIX_YZ_H (CFh)
External sensor transformation matrix register (R/W)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 356. FSM_EXT_MATRIX_YZ_L register
FSM_EXT_
MAT_YZ_7
FSM_EXT_
MAT_YZ_6
FSM_EXT_
MAT_YZ_5
FSM_EXT_
MAT_YZ_4
FSM_EXT_
MAT_YZ_3
FSM_EXT_
MAT_YZ_2
FSM_EXT_
MAT_YZ_1
FSM_EXT_
MAT_YZ_0
Table 357. FSM_EXT_MATRIX_YZ_L register description
FSM_EXT_MAT_YZ_[7:0]
Transformation matrix row2 col3 (and row3 col2) coefficient (LSbyte).
Default value: 00000000
Table 358. FSM_EXT_MATRIX_YZ_H register
FSM_EXT_
MAT_YZ_15
FSM_EXT_
MAT_YZ_14
FSM_EXT_
MAT_YZ_13
FSM_EXT_
MAT_YZ_12
FSM_EXT_
MAT_YZ_11
FSM_EXT_
MAT_YZ_10
FSM_EXT_
MAT_YZ_9
FSM_EXT_
MAT_YZ_8
Table 359. FSM_EXT_MATRIX_YZ_H register description
FSM_EXT_MAT_YZ_[15:8]
Transformation matrix row2 col3 (and row3 col2) coefficient (MSbyte).
Default value: 00000000
LSM6DSV80X
Embedded advanced features register description
DS14764 - Rev 1
page 136/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com