Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 149 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 149 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 145Page - STMicroelectronics LSM6DSV80X Datasheet HTML 146Page - STMicroelectronics LSM6DSV80X Datasheet HTML 147Page - STMicroelectronics LSM6DSV80X Datasheet HTML 148Page - STMicroelectronics LSM6DSV80X Datasheet HTML 149Page - STMicroelectronics LSM6DSV80X Datasheet HTML 150Page - STMicroelectronics LSM6DSV80X Datasheet HTML 151Page - STMicroelectronics LSM6DSV80X Datasheet HTML 152Page - STMicroelectronics LSM6DSV80X Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 181 page
background image
15.10
SENSOR_HUB_10 (0Bh)
Sensor hub output register (R)
Tenth byte associated to external sensors. The content of the register is consistent with the TGTx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 424. SENSOR_HUB_10 register
Sensor
Hub10_7
Sensor
Hub10_6
Sensor
Hub10_5
Sensor
Hub10_4
Sensor
Hub10_3
Sensor
Hub10_2
Sensor
Hub10_1
Sensor
Hub10_0
Table 425. SENSOR_HUB_10 register description
SensorHub10_[7:0]
Tenth byte associated to external sensors
15.11
SENSOR_HUB_11 (0Ch)
Sensor hub output register (R)
Eleventh byte associated to external sensors. The content of the register is consistent with the TGTx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 426. SENSOR_HUB_11 register
Sensor
Hub11_7
Sensor
Hub11_6
Sensor
Hub11_5
Sensor
Hub11_4
Sensor
Hub11_3
Sensor
Hub11_2
Sensor
Hub11_1
Sensor
Hub11_0
Table 427. SENSOR_HUB_11 register description
SensorHub11_[7:0]
Eleventh byte associated to external sensors
15.12
SENSOR_HUB_12 (0Dh)
Sensor hub output register (R)
Twelfth byte associated to external sensors. The content of the register is consistent with the TGTx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 428. SENSOR_HUB_12 register
Sensor
Hub12_7
Sensor
Hub12_6
Sensor
Hub12_5
Sensor
Hub12_4
Sensor
Hub12_3
Sensor
Hub12_2
Sensor
Hub12_1
Sensor
Hub12_0
Table 429. SENSOR_HUB_12 register description
SensorHub12_[7:0]
Twelfth byte associated to external sensors
LSM6DSV80X
Sensor hub register description
DS14764 - Rev 1
page 149/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com