Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 153 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 153 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 149Page - STMicroelectronics LSM6DSV80X Datasheet HTML 150Page - STMicroelectronics LSM6DSV80X Datasheet HTML 151Page - STMicroelectronics LSM6DSV80X Datasheet HTML 152Page - STMicroelectronics LSM6DSV80X Datasheet HTML 153Page - STMicroelectronics LSM6DSV80X Datasheet HTML 154Page - STMicroelectronics LSM6DSV80X Datasheet HTML 155Page - STMicroelectronics LSM6DSV80X Datasheet HTML 156Page - STMicroelectronics LSM6DSV80X Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 181 page
background image
15.20
TGT0_ADD (15h)
I²C target address of the first external sensor (sensor 0) register (R/W)
Table 444. TGT0_ADD register
target0_add6
target0_add5
target0_add4
target0_add3
target0_add2
target0_add1
target0_add0
rw_0
Table 445. TGT0_ADD register description
target0_add[6:0]
I²C target address of sensor 0 that can be read by the sensor hub.
Default value: 0000000
rw_0
Read/write operation on sensor 0. Default value: 0
(0: write operation; 1: read operation)
15.21
TGT0_SUBADD (16h)
Address of register on the first external sensor (sensor 0) register (R/W)
Table 446. TGT0_SUBADD register
target0_reg7
target0_reg6
target0_reg5
target0_reg4
target0_reg3
target0_reg2
target0_reg1
target0_reg0
Table 447. TGT0_SUBADD register description
target0_reg[7:0]
Address of register on sensor 0 that has to be read/written according to the rw_0 bit value in TGT0_ADD
(15h). Default value: 00000000
15.22
TGT0_CONFIG (17h)
First external sensor (sensor 0) configuration and sensor hub settings register (R/W)
Table 448. TGT0_CONFIG register
SHUB_
ODR_2
SHUB_
ODR_1
SHUB_
ODR_0
0(1)
BATCH_EXT_
SENS_0_EN
target0_
numop2
target0_
numop1
target0_
numop0
1. This bit must be set to 0 for the correct operation of the device.
Table 449. TGT0_CONFIG register description
SHUB_ODR_[2:0]
Rate at which the controller communicates.
(000: 1.875 Hz;
001: 15 Hz;
010: 30 Hz;
011: 60 Hz;
100: 120 Hz (default);
101: 240 Hz;
110: 480 Hz;
111: reserved
BATCH_EXT_SENS_0_EN
Enables FIFO data batching of first target. Default value: 0
target0_numop[2:0]
Number of read operations on sensor 0. Default value: 000
LSM6DSV80X
Sensor hub register description
DS14764 - Rev 1
page 153/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com