Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 157 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 157 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 153Page - STMicroelectronics LSM6DSV80X Datasheet HTML 154Page - STMicroelectronics LSM6DSV80X Datasheet HTML 155Page - STMicroelectronics LSM6DSV80X Datasheet HTML 156Page - STMicroelectronics LSM6DSV80X Datasheet HTML 157Page - STMicroelectronics LSM6DSV80X Datasheet HTML 158Page - STMicroelectronics LSM6DSV80X Datasheet HTML 159Page - STMicroelectronics LSM6DSV80X Datasheet HTML 160Page - STMicroelectronics LSM6DSV80X Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 181 page
background image
15.32
DATAWRITE_TGT0 (21h)
Data to be written into the target device (R/W)
Table 468. DATAWRITE_TGT0 register
target0_
dataw7
target0_
dataw6
target0_
dataw5
target0_
dataw4
target0_
dataw3
target0_
dataw2
target0_
dataw1
target0_
dataw0
Table 469. DATAWRITE_TGT0 register description
target0_dataw[7:0]
Data to be written into the target 0 device according to the rw_0 bit in register TGT0_ADD (15h).
Default value: 00000000
15.33
STATUS_CONTROLLER (22h)
Sensor hub source register (R)
Table 470. STATUS_CONTROLLER register
WR_ONCE
_DONE
TARGET3_
NACK
TARGET2_
NACK
TARGET1_
NACK
TARGET0_
NACK
0
0
SENS_HUB
_ENDOP
Table 471. STATUS_CONTROLLER register description
WR_ONCE_DONE
When the bit WRITE_ONCE in CONTROLLER_CONFIG (14h) is configured as 1, this bit is set to 1
when the write operation on target 0 has been performed and completed. Default value: 0
TARGET3_NACK
This bit is set to 1 if not acknowledge occurs on target 3 communication. Default value: 0
TARGET2_NACK
This bit is set to 1 if not acknowledge occurs on target 2 communication. Default value: 0
TARGET1_NACK
This bit is set to 1 if not acknowledge occurs on target 1 communication. Default value: 0
TARGET0_NACK
This bit is set to 1 if not acknowledge occurs on target 0 communication. Default value: 0
SENS_HUB_ENDOP
Sensor hub communication status. Default value: 0
(0: sensor hub communication not concluded;
1: sensor hub communication concluded)
LSM6DSV80X
Sensor hub register description
DS14764 - Rev 1
page 157/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com