Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 159 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 159 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 155Page - STMicroelectronics LSM6DSV80X Datasheet HTML 156Page - STMicroelectronics LSM6DSV80X Datasheet HTML 157Page - STMicroelectronics LSM6DSV80X Datasheet HTML 158Page - STMicroelectronics LSM6DSV80X Datasheet HTML 159Page - STMicroelectronics LSM6DSV80X Datasheet HTML 160Page - STMicroelectronics LSM6DSV80X Datasheet HTML 161Page - STMicroelectronics LSM6DSV80X Datasheet HTML 162Page - STMicroelectronics LSM6DSV80X Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 181 page
background image
17
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
17.1
LGA-14L package information
Figure 25. LGA-14L 2.5 x 3.0 x 0.83 mm package outline and mechanical data
W
H
4x
(0.1)
14x
0.475±0.05
14x
0.25±0.05
0.5
Pin1 indicator
BOTTOM VIEW
TOP VIEW
1
C
0.05
C
Pin 1 indicator
Dimensions are in millimeters unless otherwise specified.
General tolerance is +/-0.1mm unless otherwise specified.
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
5
0
.
0
±
0
5
.
2
]
L
[
h
t
g
n
e
L
5
0
.
0
±
0
0
.
3
]
W
[
h
t
d
i
W
3
0
.
0
±
3
8
.
0
]
H
[
t
h
g
i
e
H
DM01021587_2
LSM6DSV80X
Package information
DS14764 - Rev 1
page 159/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com