Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 164 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 164 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 160Page - STMicroelectronics LSM6DSV80X Datasheet HTML 161Page - STMicroelectronics LSM6DSV80X Datasheet HTML 162Page - STMicroelectronics LSM6DSV80X Datasheet HTML 163Page - STMicroelectronics LSM6DSV80X Datasheet HTML 164Page - STMicroelectronics LSM6DSV80X Datasheet HTML 165Page - STMicroelectronics LSM6DSV80X Datasheet HTML 166Page - STMicroelectronics LSM6DSV80X Datasheet HTML 167Page - STMicroelectronics LSM6DSV80X Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 181 page
background image
6.1
Operating modes.............................................................. 31
6.2
Low-g accelerometer .......................................................... 31
6.3
High-g accelerometer .......................................................... 32
6.4
Gyroscope power modes ....................................................... 33
6.5
High-accuracy ODR mode ...................................................... 33
6.6
ODR-triggered mode .......................................................... 34
6.7
Block diagram of filters ......................................................... 35
6.7.1
Block diagrams of the low-g accelerometer filters ............................... 36
6.7.2
Block diagrams of the gyroscope filters ....................................... 37
6.8
FIFO ........................................................................ 38
6.8.1
Bypass mode .......................................................... 39
6.8.2
FIFO mode ............................................................ 39
6.8.3
Continuous mode ....................................................... 39
6.8.4
Continuous-to-FIFO mode................................................. 39
6.8.5
ContinuousWTM-to-full mode .............................................. 39
6.8.6
Bypass-to-continuous mode ............................................... 40
6.8.7
Bypass-to-FIFO mode.................................................... 40
6.8.8
FIFO reading procedure .................................................. 40
7
Application hints .................................................................41
7.1
LSM6DSV80X electrical connections in mode 1 .................................... 41
7.2
LSM6DSV80X electrical connections in mode 2 .................................... 42
8
Register mapping.................................................................44
9
Register description ..............................................................47
9.1
FUNC_CFG_ACCESS (01h) .................................................... 47
9.2
PIN_CTRL (02h) .............................................................. 48
9.3
IF_CFG (03h)................................................................. 49
9.4
ODR_TRIG_CFG (06h) ........................................................ 49
9.5
FIFO_CTRL1 (07h) ............................................................ 50
9.6
FIFO_CTRL2 (08h) ............................................................ 50
9.7
FIFO_CTRL3 (09h) ............................................................ 51
9.8
FIFO_CTRL4 (0Ah)............................................................ 52
9.9
COUNTER_BDR_REG1 (0Bh) .................................................. 53
9.10
COUNTER_BDR_REG2 (0Ch) .................................................. 53
9.11
INT1_CTRL (0Dh) ............................................................. 54
9.12
INT2_CTRL (0Eh) ............................................................. 55
9.13
WHO_AM_I (0Fh) ............................................................. 55
LSM6DSV80X
Contents
DS14764 - Rev 1
page 164/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com