Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 166 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 166 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 162Page - STMicroelectronics LSM6DSV80X Datasheet HTML 163Page - STMicroelectronics LSM6DSV80X Datasheet HTML 164Page - STMicroelectronics LSM6DSV80X Datasheet HTML 165Page - STMicroelectronics LSM6DSV80X Datasheet HTML 166Page - STMicroelectronics LSM6DSV80X Datasheet HTML 167Page - STMicroelectronics LSM6DSV80X Datasheet HTML 168Page - STMicroelectronics LSM6DSV80X Datasheet HTML 169Page - STMicroelectronics LSM6DSV80X Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 181 page
background image
9.50
CTRL1_XL_HG (4Eh).......................................................... 81
9.51
INTERNAL_FREQ_FINE (4Fh) .................................................. 82
9.52
FUNCTIONS_ENABLE (50h) ................................................... 83
9.53
HG_FUNCTIONS_ENABLE (52h) ............................................... 84
9.54
HG_WAKE_UP_THS (53h) ..................................................... 84
9.55
INACTIVITY_DUR (54h) ....................................................... 85
9.56
INACTIVITY_THS (55h) ........................................................ 86
9.57
TAP_CFG0 (56h).............................................................. 87
9.58
TAP_CFG1 (57h).............................................................. 88
9.59
TAP_CFG2 (58h).............................................................. 88
9.60
TAP_THS_6D (59h) ........................................................... 89
9.61
TAP_DUR (5Ah) .............................................................. 90
9.62
WAKE_UP_THS (5Bh) ......................................................... 90
9.63
WAKE_UP_DUR (5Ch) ........................................................ 91
9.64
FREE_FALL (5Dh) ............................................................ 91
9.65
MD1_CFG (5Eh) .............................................................. 92
9.66
MD2_CFG (5Fh) .............................................................. 93
9.67
HAODR_CFG (62h) ........................................................... 93
9.68
EMB_FUNC_CFG (63h)........................................................ 94
9.69
XL_HG_X_OFS_USR (6Ch) .................................................... 95
9.70
XL_HG_Y_OFS_USR (6Dh) .................................................... 95
9.71
XL_HG_Z_OFS_USR (6Eh) .................................................... 95
9.72
X_OFS_USR (73h) ............................................................ 96
9.73
Y_OFS_USR (74h) ............................................................ 96
9.74
Z_OFS_USR (75h) ............................................................ 96
9.75
FIFO_DATA_OUT_TAG (78h) ................................................... 97
9.76
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah) ..................... 98
9.77
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch) ..................... 98
9.78
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh) ..................... 98
10
Embedded functions register mapping ............................................99
11
Embedded functions register description ....................................... 102
11.1
PAGE_SEL (02h) ............................................................102
11.2
EMB_FUNC_EN_A (04h)......................................................102
11.3
EMB_FUNC_EN_B (05h)......................................................103
11.4
EMB_FUNC_EXEC_STATUS (07h) .............................................103
11.5
PAGE_ADDRESS (08h) .......................................................104
LSM6DSV80X
Contents
DS14764 - Rev 1
page 166/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com