Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 169 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 169 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 165Page - STMicroelectronics LSM6DSV80X Datasheet HTML 166Page - STMicroelectronics LSM6DSV80X Datasheet HTML 167Page - STMicroelectronics LSM6DSV80X Datasheet HTML 168Page - STMicroelectronics LSM6DSV80X Datasheet HTML 169Page - STMicroelectronics LSM6DSV80X Datasheet HTML 170Page - STMicroelectronics LSM6DSV80X Datasheet HTML 171Page - STMicroelectronics LSM6DSV80X Datasheet HTML 172Page - STMicroelectronics LSM6DSV80X Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 181 page
background image
13.2.5
PEDO_CMD_REG (83h)................................................. 141
13.2.6
PEDO_DEB_STEPS_CONF (84h) ......................................... 141
13.2.7
PEDO_SC_DELTAT_L (D0h) and PEDO_SC_DELTAT_H (D1h) .................. 141
13.2.8
MLC_EXT_SENSITIVITY_L (E8h) and MLC_EXT_SENSITIVITY_H (E9h) .......... 142
13.3
Page 2 - embedded advanced features registers ..................................143
13.3.1
EXT_FORMAT (00h).................................................... 143
13.3.2
EXT_3BYTE_SENSITIVITY_L (02h) and EXT_3BYTE_SENSITIVITY_H (03h) ....... 143
13.3.3
EXT_3BYTE_OFFSET_XL
(06h),
EXT_3BYTE_OFFSET_L
(07h)
and
EXT_3BYTE_OFFSET_H (08h) ........................................... 144
14
Sensor hub register mapping ................................................... 145
15
Sensor hub register description................................................. 146
15.1
SENSOR_HUB_1 (02h) .......................................................146
15.2
SENSOR_HUB_2 (03h) .......................................................146
15.3
SENSOR_HUB_3 (04h) .......................................................146
15.4
SENSOR_HUB_4 (05h) .......................................................147
15.5
SENSOR_HUB_5 (06h) .......................................................147
15.6
SENSOR_HUB_6 (07h) .......................................................147
15.7
SENSOR_HUB_7 (08h) .......................................................148
15.8
SENSOR_HUB_8 (09h) .......................................................148
15.9
SENSOR_HUB_9 (0Ah).......................................................148
15.10 SENSOR_HUB_10 (0Bh)......................................................149
15.11 SENSOR_HUB_11 (0Ch)......................................................149
15.12 SENSOR_HUB_12 (0Dh)......................................................149
15.13 SENSOR_HUB_13 (0Eh)......................................................150
15.14 SENSOR_HUB_14 (0Fh) ......................................................150
15.15 SENSOR_HUB_15 (10h) ......................................................150
15.16 SENSOR_HUB_16 (11h) ......................................................151
15.17 SENSOR_HUB_17 (12h) ......................................................151
15.18 SENSOR_HUB_18 (13h) ......................................................151
15.19 CONTROLLER_CONFIG (14h).................................................152
15.20 TGT0_ADD (15h) ............................................................153
15.21 TGT0_SUBADD (16h) ........................................................153
15.22 TGT0_CONFIG (17h) .........................................................153
15.23 TGT1_ADD (18h) ............................................................154
15.24 TGT1_SUBADD (19h) ........................................................154
15.25 TGT1_CONFIG (1Ah).........................................................154
LSM6DSV80X
Contents
DS14764 - Rev 1
page 169/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com