Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics L9963E Datasheet HTML 100Page - STMicroelectronics L9963E Datasheet HTML 101Page - STMicroelectronics L9963E Datasheet HTML 102Page - STMicroelectronics L9963E Datasheet HTML 103Page - STMicroelectronics L9963E Datasheet HTML 104Page - STMicroelectronics L9963E Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 184 page
background image
4.13
Coulomb counting routine
4.13.1
Coulomb counting
The Coulomb counting routine is performed to evaluate the charge injected / subtracted during vehicle operation.
To enable it, the CoulombCounter_en bit must be set to ‘1’.
Disabling the Coulomb Counter by setting CoulombCounter_en to ‘0’ doesn’t reset the accumulator
(CoulombCounter_msb, CoulombCounter_lsb) and sample counter (CoulombCntTime) registers. MCU is
supposed to reset the Coulomb Counter, clearing any data previously stored, before enabling it.
This can be done by performing a burst read operation as explained below:
•
When L9963E is in Normal state, current is continuously sampled: a new conversion starts as soon as the
previous one has been completed. Each acquisition window lasts TCYCLEADC_CUR. Coulomb counter
internal registers are accessible sending the 0x7B command via SPI (refer to Table 23) and are updated at
the end of each conversion.
–
To read the Coulomb Counter internal registers:
◦
MCU sends the 0x7B burst command (see Table 26).
◦
At command receival, data is loaded from accumulator (CoulombCounter_msb and
CoulombCounter_lsb) and sample counter (CoulombCntTime) registers and L9963E will
answer with a burst containing also instantaneous current (CUR_INST_calib) and diagnostic data
(CoCouOvF).
◦
Meanwhile, both the accumulator and the sample counter are reset to zero.
◦
MCU can then evaluate the charge variation ΔQ in the battery pack, by referring to a known
previous state of charge Q(t0) and applying the following equation:
Coulomb Counting algorithm
Qtk =Qt0+∆Q=Qt0+∆T∑k=1KICELLk =Qt0+ ∆TRSHUNT∑k=1KVDIFF_CUR_SENSEk
∆T=TCYCLEADC_CUR
K=CoulombCntTime 
∑k=1KVDIFF_CUR_SENSEk = CoulombCountermsb+CoulombCounterlsb 2′s compl*VISENSE_RES
(17)
◦
Then, the Q(tk) just evaluated becomes the Q(t0) for the next iteration
–
MCU must periodically read the Coulomb Counter in order to avoid accumulator or sample counter
overflow (latched by CoCouOvF bit). In case a register overflows, it will saturate: CoulombCntTime
saturates to 0xFFFF, while CoulombCounter_msb/lsb saturates either to the upper bound
(0x7FFFFFFF) or to the lower bound (0x80000000). In case of saturation, activity will continue, but
data will not be reliable. Recommended polling period is 1 s or less.
–
Reading the Coulomb Counter registers will not interrupt the Coulomb Counting Routine running in
background.
–
If a current sample (absolute value) overcomes ICURR_SENSE_OC_NORM (programmable via SPI in
the adc_ovc_curr_threshold_norm register), the curr_sense_ovc_norm flag is set and FAULTL pin
is risen. This functionality is meant to detect overcurrent events that could damage the battery pack
when the system ignition is ON.
–
This check can be masked by programming ovc_norm_msk = 1.
•
When L9963E is in Cyclic Wakeup state, current is continuously sampled while the device is in the ON
phase. If a current sample (absolute value) overcomes ICURR_SENSE_OC_SLEEP (programmable via SPI
in the adc_ovc_curr_threshold_sleep register), the curr_sense_ovc_sleep flag is set, L9963E moves to
Normal state and FAULTL pin is risen. This functionality is meant to detect anomalous current leakage from
the battery pack when the system ignition is OFF.
–
This check can be masked by programming ovc_sleep_msk = 1.
When L9963E operates in Cyclic Wakeup and the Coulomb Counter is enabled, the ON phase ends when the
Voltage Conversion Routine is over (DUTY_ON = ‘0’) and the Coulomb Counter has acquired at least one current
sample.
L9963E
Coulomb counting routine
DS13636 - Rev 12
page 101/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com