Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 100Page - STMicroelectronics L9963E Datasheet HTML 101Page - STMicroelectronics L9963E Datasheet HTML 102Page - STMicroelectronics L9963E Datasheet HTML 103Page - STMicroelectronics L9963E Datasheet HTML 104Page - STMicroelectronics L9963E Datasheet HTML 105Page - STMicroelectronics L9963E Datasheet HTML 106Page - STMicroelectronics L9963E Datasheet HTML 107Page - STMicroelectronics L9963E Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 184 page
background image
Register Name
Field name
Description
1 → isotx_en_h and iso_freq_sel are
write protected
ThrTimedBalCell12
RW
8
7
0x0
A
Timed balancing threshold for cell 12
Noreg7
RO
7
1
0x0
X
ThrTimedBalCell11
RW
0
7
0x0
A
Timed balancing threshold for cell 11
Bal_4
0x6
clk_mon_en
RW
17
1
0x0
A
0 → Main oscillator monitor disabled
1 → Main oscillator monitor enabled
Noreg16
RW
16
1
0x0
A
clk_mon_init_done
RO
15
1
0x0
B
0 → Main oscillator monitor not
started
1 → Main oscillator monitor started
ThrTimedBalCell10
RW
8
7
0x0
A
Timed balancing threshold for cell 10
Noreg7
RO
7
1
0x0
X
ThrTimedBalCell9
RW
0
7
0x0
A
Timed balancing threshold for cell 9
Bal_5
0x7
transceiver_on_by_up
RW
17
1
0x0
A
0 → Transceiver mode not forced by
MCU
1 → Transceiver mode forced by
MCU
transceiver_valid_by_up
RW
16
1
0x0
A
0 → Value on transceiver_on_by_up
discarded
1 → Value on transceiver_on_by_up
applied to device configuration
Noreg15
RO
15
1
0x0
X
ThrTimedBalCell8
RW
8
7
0x0
A
Timed balancing threshold for cell 8
Noreg7
RO
7
1
0x0
X
ThrTimedBalCell7
RW
0
7
0x0
A
Timed balancing threshold for cell 7
Bal_6
0x8
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
Noreg15
RO
15
1
0x0
X
ThrTimedBalCell6
RW
8
7
0x0
A
Timed balancing threshold for cell 6
Noreg7
RO
7
1
0x0
X
ThrTimedBalCell5
RW
0
7
0x0
A
Timed balancing threshold for cell 5
Bal_7
0x9
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
Noreg15
RO
15
1
0x0
X
ThrTimedBalCell4
RW
8
7
0x0
A
Timed balancing threshold for cell 4
L9963E
Register map
DS13636 - Rev 12
page 104/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com