Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 145 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 145 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 141Page - STMicroelectronics L9963E Datasheet HTML 142Page - STMicroelectronics L9963E Datasheet HTML 143Page - STMicroelectronics L9963E Datasheet HTML 144Page - STMicroelectronics L9963E Datasheet HTML 145Page - STMicroelectronics L9963E Datasheet HTML 146Page - STMicroelectronics L9963E Datasheet HTML 147Page - STMicroelectronics L9963E Datasheet HTML 148Page - STMicroelectronics L9963E Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
6.8
ISO lines circuit
The following section illustrates the typical analog front end to communicate about the vertical insulated interface.
6.8.1
Transformer-based insulation
The transformer-based insulation is recommended for global communication lines between different modules in a
distributed BMS. It offers better insulation and higher immunity to BCI, being the transformer an intrinsic common
mode filter.
Figure 41. Transformer based ISO lines circuit
L9963E
ISOHp / ISOLp
CCM_KHZ
D_ESD
ISOHm / ISOLm
TRANSF
VCOM
GND_ESD
CCM_MHZ
CCM_MHZ
AGND
CESD_VCOM
Table 81. Transformer-based ISO lines BOM
Components Value
Unit
Max.
tolerance
Rating
Comments
RTERM
60
Ω
10%
1/16 W
Termination resistance. Differential output signal amplitude can
be calculated with the following equation:
VISODIFF=VCOM RTERM
RDIFF_ISO_OUT
CCM_KHZ
6.8
nF
10%
10 V
Filter common mode noise in the kHz range (inverter
and other power converters). Pole introduced is
fcut_kℎz=
1
πCCM_KHZ RISODIFF2+RTERM+7.2kΩ .
Do not exceed 10 nF, otherwise common mode settling time
upon ISO port enable will last too long. Connect to AGND.
CCM_MHZ
22
pF
10%
16 V
Filter common mode noise in the MHz range
for improved BCI immunity. Pole introduced is
fcut_mℎz= 1
2πCCM_MHZRTERM.Donotexceed47pF,
otherwise differential output signal in high frequency mode
might be strongly distorted. Connect to AGND.
CESD_VCOM
1
µF
10%
16 V
Deviate energy clamped by DESD directly to AGND, preventing
any ESD strike from affecting other PCB components. Total
capacity on the VCOM pin must be equal to 2.2 µF. Hence,
in BMS configuration, the recommended capacity distribution is:
1 µF as CESD_VCOM on the ISOH clamp, 1 µF as CESD_VCOM
on the ISOL clamp, 200 nF as CVCOM directly on the VCOM pin
(refer to Table 73). Connect to GND_ESD
DESD
It must be mounted only for Distributed BMS where isolated
SPI pins are global pins or the ECU.
L9963E
ISO lines circuit
DS13636 - Rev 12
page 145/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com