Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 149 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 149 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 145Page - STMicroelectronics L9963E Datasheet HTML 146Page - STMicroelectronics L9963E Datasheet HTML 147Page - STMicroelectronics L9963E Datasheet HTML 148Page - STMicroelectronics L9963E Datasheet HTML 149Page - STMicroelectronics L9963E Datasheet HTML 150Page - STMicroelectronics L9963E Datasheet HTML 151Page - STMicroelectronics L9963E Datasheet HTML 152Page - STMicroelectronics L9963E Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 184 page
background image
6.9.2
Differential measurement
In the single ended approach the external NTC is connected between two PCB global inputs. This eliminates the
issue of GND shift but requires an additional global pin for each NTC. Using two GPIOs to measure the NTC
voltage is not mandatory, but simplifies the calculations.
Figure 45. Example of NTC differential measurement
L9963E
VTREF
GPIO4
RPU
CFIL
RFIL
RNTC
GPIO5
RFIL
RPD
AGND
CESD
CESD
Table 84. NTC analog front end BOM for differential measurement
Components Value
Unit
Max.
tolerance
Rating
Comments
RNTC
10
kΩ
1%
Recommended external NTC typical value @25 °C. The
NTCALUG02A103F is a good option for evaluation purposes
RFIL
3.3
kΩ
10%
1.5 W
Protect the GPIO in case of external STG/STB. Limit the
ESD inrush current. Filter the NTC signal: cut-off frequency
is
fC= 1
4πRFILCFIL.
Do not use thin film resistors on these lines connected to ECU
global pins. They could drift upon System Level ESD strikes.
Use thick film or metal foil instead.
CFIL
100
nF
10%
16 V
Protect against ESD events and ISO spikes. Filter the NTC
signal: cut-off frequency is
fC= 1
2πRFILCFIL.Connectto
AGND.
L9963E
NTC analog front end
DS13636 - Rev 12
page 149/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com