Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 150 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 150 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 146Page - STMicroelectronics L9963E Datasheet HTML 147Page - STMicroelectronics L9963E Datasheet HTML 148Page - STMicroelectronics L9963E Datasheet HTML 149Page - STMicroelectronics L9963E Datasheet HTML 150Page - STMicroelectronics L9963E Datasheet HTML 151Page - STMicroelectronics L9963E Datasheet HTML 152Page - STMicroelectronics L9963E Datasheet HTML 153Page - STMicroelectronics L9963E Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
Components Value
Unit
Max.
tolerance
Rating
Comments
CESD
47
nF
10%
100 V
Protect against ESD events and ISO spikes. Connect to
GND_ESD
RPU
10
kΩ
1%
0.5 W
Provide VTREF/3 polarization for NTC typical value. Protect
VTREF pin in case of external short to battery/GND.
Do not use thin film resistors on these lines connected to ECU
global pins. They could drift upon System Level ESD strikes.
Use thick film or metal foil instead.
RPD
10
kΩ
1%
0.5 W
Provide VTREF/3 polarization for NTC typical value. Protect
AGND pin in case of external short to battery
Do not use thin film resistors on these lines connected to ECU
global pins. They could drift upon System Level ESD strikes.
Use thick film or metal foil instead. Connect to AGND.
In this configuration, the NTC voltage varies according to the following equation:
NTC voltage variation with temperature (differential measurement)
VNTCT =VTREF× RNTCT
RNTCT +2RPU
RNTCT =R25°C×eB 1TK − 1298.15
T°C =
B
B298.15+ln 2RPU×VNTC
VTREF−VNTC 
R25°C
−273.15
(19)
L9963E provides both VNTC and VTREF measurements via SPI registers, thus allowing MCU to calculate cell
temperature as in the Eq. (19).
Figure 46. VNTC vs. temperature example (differential measurement)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
Temperature [°C]
VNTC vs. Temperature using an NTC with R25°C = 10 kΩ and B = 3984 K
VNTC @VTREF = 4.95 V
VNTC @VTREF = 4.8 V
VNTC @VTREF = 5.1 V
Typical operating range is from -20°C to +60°C
L9963E
NTC analog front end
DS13636 - Rev 12
page 150/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com