Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 153 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 153 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 149Page - STMicroelectronics L9963E Datasheet HTML 150Page - STMicroelectronics L9963E Datasheet HTML 151Page - STMicroelectronics L9963E Datasheet HTML 152Page - STMicroelectronics L9963E Datasheet HTML 153Page - STMicroelectronics L9963E Datasheet HTML 154Page - STMicroelectronics L9963E Datasheet HTML 155Page - STMicroelectronics L9963E Datasheet HTML 156Page - STMicroelectronics L9963E Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 184 page
background image
6.10.2.2
FAULT line (GPIO1-2)
When FAULT Line is not used in application:
•
GPIO1_FAULTH pin must be shorted (or pulled-down with a resistor) to GND plane (AGND is
recommended)
•
GPIO2_FAULTL pin must be connected to GND plane (DGND is recommended) through a 100 kΩ pulldown
resistor
6.10.3
Current sense
When current sense is not used in application:
•
Pin ISENSEp must be shorted to pin ISENSEm in order to reject differential noise
•
The shorted trace must be connected to GND plane (AGND is recommended) in order to reject common
mode noise
6.10.4
ISOH port
When the ISOH port is not used in application:
•
Pin ISOHp and ISOHm must be shorted together in order to reject differential noise. They are internally
pulled down to reject common mode noise.
6.10.5
Busbar connection
Figure 48 shows an example of application featuring small cell modules connected through a busbar. Since the
busbar exhibits a small parasitic resistance RBUS, a negative voltage drop equal to RBUS*ICELL appears at those
cell terminals during the battery discharge phase.
Generally, such a drop never exceeds -2 V. L9963E has been engineered to sustain this kind of application
without damaging the internal ESD clamps. In fact, all cell terminals (except the C0-C1 pair), can sustain
negative differential voltages without undergoing any damage, as listed in Table 3. Busbar connection can
be applied between any cell terminal pair, except the ones reserved for the four mandatory cells (refer to
Section 6.10.1.1 Cell minimum configuration).
The internal balancing FET in parallel to the busbar can be protected mounting the same RDIS discharge
resistor recommended in Table 77. When negative voltage arises, a small current will flow through the body-drain
diode. Such a current, equal to (VBUS – VBODY_DRAIN) / RDIS will not damage the balancing FET. For instance,
considering VBUS = -2 V, VBODY_DRAIN = 1 V and RDIS = 39 Ω, the current will be limited to 25 mA.
Moreover, since this reverse current flows only through the balancing path, it will not alter neighboring cells
measurement, since no drop occurs on the RLPF filtering resistors, as shown in Figure 48.
L9963E
Unused pins
DS13636 - Rev 12
page 153/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com