Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 174 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 174 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 170Page - STMicroelectronics L9963E Datasheet HTML 171Page - STMicroelectronics L9963E Datasheet HTML 172Page - STMicroelectronics L9963E Datasheet HTML 173Page - STMicroelectronics L9963E Datasheet HTML 174Page - STMicroelectronics L9963E Datasheet HTML 175Page - STMicroelectronics L9963E Datasheet HTML 176Page - STMicroelectronics L9963E Datasheet HTML 177Page - STMicroelectronics L9963E Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 184 page
background image
Revision history
Table 90. Document revision history
Date
Version
Changes
11-Feb-2021
1
Initial release.
04-Mar-2021
2
Updated Table 6. Power Management.
09-Apr-2021
3
Added Note in Table 39. Cell voltage ADC electrical characteristics.
Updated Table 19. SPI protocol: single access addressed frame (write and
read).
11-Jun-2021
4
Minor text changes in:
•
Table 83. NTC analog front end BOM for single ended measurement
(updated CFIL value);
•
Table 84. NTC analog front end BOM for differential measurement
(updated CFIL value).
05-Jul-2021
5
Updated Table 42. Balancing FSM.
22-Nov-2021
6
Updated Figure 54. Maximum wire length according to wire insulator and
operating frequency.
13-Dec-2021
7
Typo corrections.
17-Jan-2022
8
Typo correction: changed hyperlink to "Table 2" in Section 4.1.4 Power up
sequence.
04-Mar-2022
9
Updated Figure 57. Hotplug paths.
Minor text changes in Section 4.1.4 Power up sequence.
30-Mar-2022
10
Updated "Equation 17" in Section 4.13.1 Coulomb counting.
23-Sep-2022
11
Updated Section 6.10.1.3 Unmounted cells.
Minor text changes in Section 4.11.5 PCB open diagnostic.
21-Nov-2022
12
Minor text changes in Table 2. Operating ranges.
L9963E
DS13636 - Rev 12
page 174/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com